PART |
Description |
Maker |
BD80C0AFPS BD80C0AFPS10 BD90C0AFPS BD80C0AFPS-E2 |
Standard Fixed Output LDO Regulators 8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2 ROHS COMPLIANT, TO-252, 3 PIN
|
Rohm IDEC, Corp.
|
TC1265_06 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VE |
1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO8 0.150 INCH, PLASTIC, MS-012, SOIC-8 800 mA Fixed-Output CMOS LDO with Shutdown
|
NEC, Corp. MICROCHIP[Microchip Technology]
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
FAN2558MP15X FAN2558 FAN2559 FAN2559S18X FAN2558AD |
180mA Low Voltage CMOS LDO 1 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Output Voltage CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 180mA Low Output Voltage Low Noise CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 3.6 V FIXED POSITIVE LDO REGULATOR, PDSO5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BA15DD0T BA15DD0WHFP-TR BA25DD0WHFP BA18DD0WHFP BA |
2A/1A Fixed Output LDO Regulators 2A/1A Fixed Output LDO Regulators with Shutdown Switch
|
ROHM
|
MIC2212_06 MIC2212 MIC2212-DNBML MIC2212-DNYML MIC |
Dual ??ap LDO and Power-On Reset DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual レCap LDO and Power-On Reset DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Dual μCap LDO and Power-On Reset
|
MICREL INC Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|
NCP4588DSQ10T1G NCP4588DSQ15T1G NCP4588DSQ25T1G NC |
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator 1 V FIXED POSITIVE LDO REGULATOR, 0.92 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO5 LEAD FREE, SOT-353, SC-88A, SC-70, 5 PIN 1.5 V FIXED POSITIVE LDO REGULATOR, 0.76 V DROPOUT, PDSO6 1.20 X 1.20 MM, 0.40 MM PITCH, LEAD FREE, XDFN-6
|
ON Semiconductor
|
SIX1084CT1.8 SIX1084CT-E3 |
IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3, TO-220AB, 3 PIN, Fixed Positive Single Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Vishay Semiconductors
|
|